Part Number Hot Search : 
U1FWJ44M AA1WA OPB704 NTUD3170 40309 MMP7010 P6SMBJ15 0465R
Product Description
Full Text Search
 

To Download 74LCX07SJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74LCX07 Low Voltage Hex Buffer with Open Drain Outputs
October 1999 Revised February 2005
74LCX07 Low Voltage Hex Buffer with Open Drain Outputs
General Description
The LCX07 contains six buffers. The inputs tolerate voltages up to 7V allowing the interface of 5V systems to 3V systems. The outputs of the LCX07 are open drain and can be connected to other open drain outputs to implement active HIGH wire AND or active LOW wire OR functions. The 74LCX07 is fabricated with advanced CMOS technology to achieve high speed operation while maintaining CMOS low power dissipation.
Features
s 5V tolerant inputs s 2.3V to 5.5V VCC specifications provided s 2.9 ns tPD max (VCC
3.3V), 10 PA ICC max 3.0V)
s Power down high impedance inputs and outputs s 24 mA output drive (VCC s Implements patented noise/EMI reduction circuitry s Latch-up performance exceeds JEDEC 78 conditions s ESD performance:
Human body model ! 2000V Machine model ! 200V
s Leadless Pb-Free DQFN package
Ordering Code:
Order Number 74LCX07M 74LCX07MX_NL (Note 1) 74LCX07SJ 74LCX07BQX (Note 2) 74LCX07MTC 74LCX07MTCX_NL (Note 1) Package Number M14A M14A M14D MLP014A MTC14 MTC14 Package Description 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Pb-Free 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Pb-Free 14-Terminal Depopulated Quad Very-Thin Flat Pack No Leads (DQFN), JEDEC MO-241, 2.5 x 3.0mm 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Pb-Free 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code. Note 1: "_NL" indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only. Note 2: DQFN package available in Tape and Reel only.
(c) 2005 Fairchild Semiconductor Corporation
DS500238
www.fairchildsemi.com
74LCX07
Logic Symbol
IEEE/IEC
Connection Diagrams
Pin Assignments for SOIC, SOP, and TSSOP
Pad Assignments for DQFN
Pin Descriptions
Pin Names An On Description Inputs Outputs
(Top Through View)
www.fairchildsemi.com
2
74LCX07
Absolute Maximum Ratings(Note 3)
Symbol VCC VI VO IIK IOK IO ICC IGND TSTG Parameter Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current DC Supply Current per Supply Pin DC Ground Current per Ground Pin Storage Temperature Value Conditions Units V V Output in HIGH or LOW State (Note 4) VI GND VO GND VO ! VCC V mA mA mA mA mA
0.5 to 7.0 0.5 to 7.0 0.5 to 7.0 50 50 50 r50 r100 r100 65 to 150
qC
Recommended Operating Conditions
Symbol VCC VI VO IOL Supply Voltage Input Voltage Output Voltage Output Current Parameter
(Note 5) Min Operating Data Retention 2.0 1.5 0 0 VCC VCC VCC VCC 4.5 5.5V 3.0V 3.6V 2.7V 3.0V 2.3V 2.7V Max 5.5 5.5 5.5 5.5 Units V V V
32 24 12 8 40
85 10 0
mA
TA
Free-Air Operating Temperature Input Edge Rate, VIN 0.8V-2.0V, VCC 3.0V
qC
ns/V
't/'V
Note 3: The Absolute Maximum Ratings are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the Absolute Maximum Ratings. The Recommended Operating Conditions table will define the conditions for actual device operation. Note 4: IO Absolute Maximum Rating must be observed. Note 5: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Symbol VIH Parameter HIGH Level Input Voltage Conditions VCC (V) 2.3 2.7 2.7 3.6 4.5 5.5 VIL LOW Level Input Voltage 2.3 2.7 2.7 3.6 4.5 - 5.5 VOL LOW Level Output Voltage IOL IOL IOL IOL IOL IOL II IOFF ICC Input Leakage Current Power-Off Leakage Current Quiescent Supply Current Increase in ICC per Input Off State Current 100 PA 8 mA 12 mA 16 mA 24 mA 32 mA 5.5V 2.3 5.5 2.3 2.7 3.0 3.0 4.5 2.3 5.5 0 2.3 5.5 2.3 5.5 2.3 3.6 4.5 5.5 IOHZ VO 5.5 2 - 5.5 TA
40qC to 85qC
Max
Min 1.7 2.0 0.7 x VCC
Units
V 0.7 0.8 0.3 x VCC 0.2 0.6 0.4 0.4 0.55 0.55 V V
0 d VI d 5.5V VI or VO VI VIH VCC or GND V CC 0.6V
r5.0
10 10
PA PA PA PA
mA
3.6V d VI d 5.5V
r10
500 1 10
'ICC
PA
3
www.fairchildsemi.com
74LCX07
AC Electrical Characteristics
TA Symbol Parameter VCC 5.0V r 0.5V VCC
40qC to 85qC, RL
VCC
500: 2.7V VCC 2.5V r 0.2V Units
3.3V r 0.3V
CL 50 pF Min tPZL tPLZ Propagation Delay Time 0.5 0.5 Max 3.0 3.0
CL 50 pF Min 0.8 0.8 Max 3.7 3.7
CL 50 pF Min 1.0 1.0 Max 4.4 4.4
CL 30 pF Min 0.8 0.8 Max 3.8 3.8 ns
Dynamic Switching Characteristics
Symbol VOLP VOLV Parameter Quiet Output Dynamic Peak VOL Quiet Output Dynamic Valley VOL CL CL CL CL 50 pF, VIH 30 pF, VIH 50 pF, VIH 30 pF, VIH Conditions 3.3V, VIL 2.5V, VIL 3.3V, VIL 2.5V, VIL 0V 0V 0V 0V VCC (V) 3.3 2.5 3.3 2.5 TA 25qC Units V V Typical 0.9 0.7
0.8 0.6
Capacitance
Symbol CIN COUT CPD Input Capacitance Output Capacitance Power Dissipation Capacitance Parameter VCC VCC VCC Open, VI 3.3V, VI 3.3V, VI Conditions 0V or VCC 0V or VCC 0V or VCC, f 10 MHz Typical 7 8 25 Units pF pF pF
www.fairchildsemi.com
4
74LCX07
AC Loading and Waveforms
FIGURE 1. AC Test Circuit (CL includes probe and jig capacitance) Test tPZL, tPLZ 6V at VCC Switch VCC x 2 at VCC VCC x 2 at VCC 5.0 r 0.5V 2.5 r 0.2V 3.3 r 0.3V
3-STATE Output Low Enable and Disable Times for Logic
trise and tfall
FIGURE 2. Waveforms (Input Pulse Characteristics; f =1MHz, tr = tf = 3ns) Symbol Vmi Vmo Vx Vy VCC 5.0V r 0.5V VCC/2 VCC/2 VOL 0.3V VOH 0.3V 3.3V r 0.3V 1.5V 1.5V VOL 0.3V VOH 0.3V 2.7V 1.5V 1.5V VOL 0.3V VOH 0.3V 2.5V r 0.2V VCC/2 VCC/2 VOL 0.15V VOH 0.15V
5
www.fairchildsemi.com
74LCX07
Tape and Reel Specification
Tape Format for DQFN Package Designator BQX Tape Section Leader (Start End) Carrier Trailer (Hub End) TAPE DIMENSIONS inches (millimeters) Number Cavities 125 (typ) 2500/3000 75 (typ) Cavity Status Empty Filled Empty Cover Tape Status Sealed Sealed Sealed
REEL DIMENSIONS inches (millimeters)
Tape Size 12 mm
A 13.0 (330)
B 0.059 (1.50)
C 0.512 (13.00)
D 0.795 (20.20)
N 7.008 (178)
W1 0.488 (12.4)
W2 0.724 (18.4)
www.fairchildsemi.com
6
74LCX07
Physical Dimensions inches (millimeters) unless otherwise noted
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Package Number M14A
7
www.fairchildsemi.com
74LCX07
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M14D
www.fairchildsemi.com
8
74LCX07
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
Pb-Free 14-Terminal Depopulated Quad Very-Thin Flat Pack No Leads (DQFN), JEDEC MO-241, 2.5 x 3.0mm Package Number MLP014A
9
www.fairchildsemi.com
74LCX07 Low Voltage Hex Buffer with Open Drain Outputs
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC14
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 10 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74LCX07SJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X